PART |
Description |
Maker |
AZ3266DR1 AZ3266DR2 AZ3266X |
6 V, 1.25 Gbps transimpedance amplifier
|
Arizona Microtek
|
HMC690 |
10 Gbps TRANSIMPEDANCE AMPLIFIER
|
Hittite Microwave Corporation
|
VSC7975 VSC7977 |
1/2/4 Gbps Multirate Transimpedance Amplifier
|
Vitesse Semiconductor Corporation.
|
ADN2820 |
10.7 Gbps Low Noise, High Gain Transimpedance Amplifier IC with Performance Monitors
|
Analog Devices
|
ATA00501D1C ATA00501 |
The ANADIGICS ATA00501 is a 5V low noise transimpedance amplifier with AGC designed to be used in OC-1 fiber optic links. AGC TRANSIMPEDANCE AMPLIFIER Transimpedance Amplifiers (TIAs)
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
SE1050W |
LightCharger⑩ 10 Gb/s Transimpedance Amplifier Final LightCharger 10 Gb/s Transimpedance Amplifier Final
|
SIGE[SiGe Semiconductor, Inc.] SIGE[SiGe Semiconductor Inc.]
|
BCM8124 |
10 GBPS 1:16 DEMUX WITH CDR AND LIMITING AMPLIFIER 10 Gbps:16 Demux的CDR和限幅放大器
|
Broadcom, Corp.
|
MAX3760 MAX3760ESA MAX3760E_D MAX3760E/D |
622Mbps Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 622Mbps / Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 8-Bit Registered LVDM Transceiver 64-TSSOP -40 to 85 622Mbps、低噪声互阻前置放大器,用于LAN及WAN光接收器 Quad LVDS Transmitter with Flow-Through Pinout 16-SOIC -40 to 85 ATM/SONET/SDH SUPPORT CIRCUIT, PDSO8 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers ATM/SONET/SDH SUPPORT CIRCUIT, UUC9
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NU-73B94B-P-AG NU-73B94B-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
|
Optoway Technology Inc
|
LT-74H73H-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
|
Optoway Technology Inc.
|